Part Number Hot Search : 
FU120 AD750 1N6295A F105M7BP A2120 DTC643TK BTW69200 BYW95B
Product Description
Full Text Search
 

To Download B82614-R2801-A30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  330 04/00 rated voltage 250 vac rated current 0,8 to 2,7 a rated inductance 0,5 to 3,0 mh construction n choke consisting of rectangular ferrite core with air gap n closed polycarbonate coil former with 4 sections n without encapsulation n one winding features n coil former flame-retardant as per ul 94 v-0 n recycleable owing to omission of encapsulation and glue applications n switch-mode power supplies with current pump n reduced harmonics input current terminals n pins 0,7 0,7 mm n lead spacing 15 12,5 mm marking manufacturer, ordering code, rated current, rated inductance, rated current dimensional drawing and pin configuration ssb1389-v 0,7 21 max. 31 max. 32,5 max. 3+0,5 12,50,2 150,2 8,1 max. 23,3 max. b82614 chokes for power lines sine-wave chokes
331 04/00 general technical data characteristics and ordering codes rated inductance l r measured with hp 4275 a or hp 4284 a; measuring frequency: l 1 mh = 100 khz l > 1 mh = 10 khz inductance tolerance 30 % dc resistance r typ typical values, measured at 20 c rated voltage v r 250 vac / 350 vdc climatic category in accordance with iec 60068-1 40/125/56 (C 40 c/+ 125 c/56 days damp heat test) standards the chokes comply with en 60938-2 und vde 0565-2 weight approx. 30 g current derating i op / i r versus ambient temperature t a i r a l r mh r typ w ordering code 0,8 3,0 2,0 B82614-R2801-A30 1,0 2,0 1,3 b82614-r2102-a30 1,7 1,5 0,62 b82614-r2172-a30 2,0 1,0 0,42 b82614-r2202-a30 2,4 0,75 0,29 b82614-r2242-a30 2,7 0,5 0,23 b82614-r2272-a30 ssb1102-8 0 0 t i b i r a 20 40 60 80 100 140 c 0,2 0,4 0,6 0,8 1,0 1,2 1,4 i op i r b82614 chokes for power lines sine-wave chokes


▲Up To Search▲   

 
Price & Availability of B82614-R2801-A30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X